PART |
Description |
Maker |
M5M51016BRT-12VL M5M51016BRT-12VLL M5M51016BTP-12V |
Octal D-Type Transparent Latches With 3-State Outputs 20-TSSOP -40 to 85 From old datasheet system 1048576-BIT CMOS STATICRAM 1048576-BIT(65536-WORD BY 16-BIT)CMOS STATIC RAM
|
MITSUBISHI[Mitsubishi Electric Semiconductor] Mitsubishi Electric Corporation
|
74LVCH162373APAG 74LVCH162373APAG8 |
3.3V CMOS 16-BIT TRANSPARENT D-TYPE LATCH
|
Integrated Device Techn...
|
74LVTH322373G 74LVT322373 74LVT322373G 74LVTH32237 |
Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25蟹 Series Resistors in the Outputs 16K SPI 2K X 8, 32B PAGE, 2.5V SER EE, -40C to 125C, 8-MSOP, T/R LVT SERIES, QUAD 8-BIT DRIVER, TRUE OUTPUT, PBGA96 Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25?/a> Series Resistors in the Outputs Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25 Series Resistors in the Outputs Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25з Series Resistors in the Outputs Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25-Ohm Series Resistors in the Outputs Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25 Ohm Series Resistors in the Outputs
|
Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
MC74LCX16373DTR2 |
Low-Voltage CMOS 16-Bit Transparent Latch
|
ON Semiconductor
|
M74LCX16373DTR2G MC74LCX16373DT MC74LCX16373DTRG M |
Low-Voltage CMOS 16-Bit Transparent Latch
|
ON Semiconductor
|
IDT74AUC32373 |
1.8V CMOS 32-Bit Transparent D-Type Latch with 3-State Outputs
|
IDT
|
IDT74LVCH32373A 74LVCH32373A_DS_4805 |
3.3V CMOS 32-BIT TRANSPARENT D-TYPE LATCH From old datasheet system
|
IDT
|
IDT74ALVCH162373 IDT74ALVCH162373PA8 IDT74ALVCH162 |
3.3V CMOS 16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS AND BUS-HOLD
|
IDT Integrated Device Technology
|
M5M51008CFP M5M51008CKR-55 M5M51008CKR-55X M5M5100 |
1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM 1048576位(131072 - Word位)的CMOS静态RAM 1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM 1048576位(131072 - Word位)的CMOS静RAM Octal D-Type Transparent Latches With 3-State Outputs 20-SSOP -40 to 85
|
Mitsubishi Electric Corporation MITSUBISHI[Mitsubishi Electric Semiconductor] Mitsubishi Electric, Corp.
|
BL-B5134N-1 BL-B1124B BL-B1134G BL-B1134M BL-B1134 |
High Speed CMOS Logic 8-Bit Shift Register with Input Storage 16-SOIC -55 to 125 High Speed CMOS Logic Octal Transparent Inverting Latches with 3-State Outputs 20-SOIC -55 to 125 LED 5MM RT ANG SUP DIFF RED PCMN STANDARD LED LAMPS(ROUND TYPES) 标准LED节能灯(圆形类型 High Speed CMOS Logic Octal Transparent Inverting Latches with 3-State Outputs 20-PDIP -55 to 125 标准LED节能灯(圆形类型
|
?╁??′唤?????? YSTONE[Yellow Stone Corp] 早安股份有限公司 Yellow Stone, Corp.
|
5962-8766505YA 5962-8766503YA 5962-8766507UA 5962- |
Complete High-Speed CMOS, 12-Bit ADC CMOS, 8-Bit-Compatible, 12-Bit DAC CMOS 12-Bit Buffered Multiplying DACs 16-Bit Microprocessor 16位微处理
|
Electronic Theatre Controls, Inc.
|